| Moteur de recherche de fiches techniques de composants électroniques |
|
M25P16-VMP3G Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P16-VMP3G Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 55 page ![]() DC and AC parameters M25P16 44/55 Figure 23. Serial input timing tSE (6) Sector Erase cycle time 0.8 3 s tBE (6) Bulk Erase cycle time 17 40 s 1. Preliminary data. 2. tCH + tCL must be greater than or equal to 1/ fC 3. Value guaranteed by characterization, not 100% tested in production. 4. Expressed as a slew-rate. 5. Only applicable as a constraint for a WRSR instruction when SRWD is set at 1. 6. Typical values given for TA = 85 °C. 7. int(A) corresponds to the upper integer part of A. E.g. int(12/8) = 2, int(32/8) = 4 int(15.3) =16. Table 17. AC characteristics (25 MHz operation, Grade 3)(1) (continued) Test conditions specified in Table 10 and Table 12 Symbol Alt. Parameter Min. Typ. Max. Unit C D AI01447C S MSB IN Q tDVCH High Impedance LSB IN tSLCH tCHDX tCHCL tCLCH tSHCH tSHSL tCHSH tCHSL |