| Moteur de recherche de fiches techniques de composants électroniques |
|
M25P16-VMP6G Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P16-VMP6G Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 55 page ![]() M25P16 Description 7/55 Figure 2. SO8, VFQFPN and VDFPN connections 1. There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB. 2. See Package mechanical section for package dimensions, and how to identify pin-1. Figure 3. SO16 connections 1. DU = Don’t Use 2. See Package mechanical section for package dimensions, and how to identify pin-1. 1 AI08517 2 3 4 8 7 6 5 D VSS C HOLD Q SVCC W M25P16 1 AI08594B 2 3 4 16 15 14 13 DU DU DU DU VCC HOLD DU DU M25P16 5 6 7 8 12 11 10 9 W Q VSS DU DU S D C |