Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25P16-VMP3TP Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce M25P16-VMP3TP
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP3TP Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button M25P16-VMP3TP Datasheet HTML 7Page - STMicroelectronics M25P16-VMP3TP Datasheet HTML 8Page - STMicroelectronics M25P16-VMP3TP Datasheet HTML 9Page - STMicroelectronics M25P16-VMP3TP Datasheet HTML 10Page - STMicroelectronics M25P16-VMP3TP Datasheet HTML 11Page - STMicroelectronics M25P16-VMP3TP Datasheet HTML 12Page - STMicroelectronics M25P16-VMP3TP Datasheet HTML 13Page - STMicroelectronics M25P16-VMP3TP Datasheet HTML 14Page - STMicroelectronics M25P16-VMP3TP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
M25P16
SPI modes
11/55
Example: Cp = 50 pF, that is R*Cp = 5 µs <=> the application must ensure that the Bus
Master never leaves the SPI bus in the high impedance state for a time period shorter than
5µs.
Figure 5.
SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55