| Moteur de recherche de fiches techniques de composants électroniques |
|
M95640 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 44 page ![]() Instructions M95320, M95640, M95320-x, M95640-x 20/44 Figure 10. Write Status Register (WRSR) sequence Table 6. Address range bits(1) 1. b15 to b13 are Don’t Care on the 64 Kbit devices. b15 to b12 are Don’t Care on the 32 Kbit devices. Device 32 Kbit Devices 64 Kbit Devices Address Bits A12-A0 A11-A0 C D AI02282D S Q 2 1 3456789 10 11 12 13 14 15 High Impedance Instruction Status Register In 0 765432 0 1 MSB |