| Moteur de recherche de fiches techniques de composants électroniques |
|
LM393D Fiches technique(PDF) 7 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LM393D Fiches technique(HTML) 7 Page - ON Semiconductor |
|
7 / 10 page ![]() LM393, LM293, LM2903, LM2903V, NCV2903 http://onsemi.com 7 ORDERING INFORMATION Device Package Shipping† LM293D SOIC−8 98 Units / Rail LM293DG SOIC−8 (Pb−Free) 98 Units / Rail LM293DR2 SOIC−8 2500 / Tape & Reel LM293DR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel LM293DMR2 Micro8 4000 / Tape and Reel LM293DMR2G Micro8 (Pb−Free) 4000 / Tape and Reel LM393D SOIC−8 98 Units / Rail LM393DG SOIC−8 (Pb−Free) 98 Units / Rail LM393DR2 SOIC−8 2500 / Tape & Reel LM393DR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel LM393N PDIP−8 50 Units / Rail LM393NG PDIP−8 (Pb−Free) 50 Units / Rail LM393DMR2 Micro8 4000 / Tape and Reel LM393DMR2G Micro8 (Pb−Free) 4000 / Tape and Reel LM2903D SOIC−8 98 Units / Rail LM2903DG SOIC−8 (Pb−Free) 98 Units / Rail LM2903DR2 SOIC−8 2500 / Tape & Reel LM2903DR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel LM2903N PDIP−8 50 Units / Rail LM2903NG PDIP−8 (Pb−Free) 50 Units / Rail LM2903DMR2 Micro8 4000 / Tape and Reel LM2903DMR2G Micro8 (Pb−Free) 4000 / Tape and Reel LM2903VD SOIC−8 98 Units / Rail LM2903VDG SOIC−8 (Pb−Free) 98 Units / Rail LM2903VDR2 SOIC−8 2500 / Tape & Reel LM2903VDR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel LM2903VN PDIP−8 50 Units / Rail LM2903VNG PDIP−8 (Pb−Free) 50 Units / Rail NCV2903DR2 (Note 10) SOIC−8 2500 / Tape & Reel NCV2903DR2G (Note 10) SOIC−8 (Pb−Free) 2500 / Tape & Reel NCV2903DMR2 (Note 10) Micro8 4000 / Tape & Reel NCV2903DMR2G (Note 10) Micro8 (Pb−Free) 4000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 10. NCV2903 is qualified for automotive use. |