Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP3085E Fiches technique(PDF) 22 Page - Sipex Corporation

No de pièce SP3085E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3085E Fiches technique(HTML) 22 Page - Sipex Corporation

Back Button SP3085E Datasheet HTML 17Page - Sipex Corporation SP3085E Datasheet HTML 18Page - Sipex Corporation SP3085E Datasheet HTML 19Page - Sipex Corporation SP3085E Datasheet HTML 20Page - Sipex Corporation SP3085E Datasheet HTML 21Page - Sipex Corporation SP3085E Datasheet HTML 22Page - Sipex Corporation SP3085E Datasheet HTML 23Page - Sipex Corporation SP3085E Datasheet HTML 24Page - Sipex Corporation SP3085E Datasheet HTML 25Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
22
DESCRIPTION
Termination prevents reflections by eliminating
the impedance mismatches on a transmission
line. Line termination is typically used if rise
and fall times are shorter than the round-trip
signal propagation time. Slew-limited drivers
may reduce or eliminate the need for cable ter-
mination in many applications.
H alf -D uplex N etw ork
Bi-Directional Full-Duplex Network
Repeater
(optional)
Repeater
(optional)
Point to Multi -point with Repeater
TYPICAL APPLICATIONS:
Half-Duplex Network
Bi-Directional Full-Duplex Network
Point to Multi-Point Repeater
Repeater
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25