Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25P10-AVMP3P/X Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M25P10-AVMP3P/X
Description  1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10-AVMP3P/X Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M25P10-AVMP3P/X Datasheet HTML 3Page - STMicroelectronics M25P10-AVMP3P/X Datasheet HTML 4Page - STMicroelectronics M25P10-AVMP3P/X Datasheet HTML 5Page - STMicroelectronics M25P10-AVMP3P/X Datasheet HTML 6Page - STMicroelectronics M25P10-AVMP3P/X Datasheet HTML 7Page - STMicroelectronics M25P10-AVMP3P/X Datasheet HTML 8Page - STMicroelectronics M25P10-AVMP3P/X Datasheet HTML 9Page - STMicroelectronics M25P10-AVMP3P/X Datasheet HTML 10Page - STMicroelectronics M25P10-AVMP3P/X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
M25P10-A
Summary description
7/49
Table 1.
Signal Names
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49