Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25PE40VMW6TP Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce M25PE40VMW6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMW6TP Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button M25PE40VMW6TP Datasheet HTML 28Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 29Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 30Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 31Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 32Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 33Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 34Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 35Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Instructions
M25PE40
32/60
Figure 15.
Page Write (PW) instruction sequence
1.
Address bits A23 to A19 are Don’t Care
2.
1
≤n ≤256
C
D
AI04045
S
42
41
43 44 45 46 47 48 49 50
52 53 54 55
40
C
D
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-Bit Address
0
765432
0
1
Data Byte 1
39
51
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
Data Byte n
765432
0
1
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60