Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP5328P Fiches technique(PDF) 6 Page - Injoinic Technology Co.,Ltd.

No de pièce IP5328P
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INJOINIC [Injoinic Technology Co.,Ltd.]
Site Internet  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Fiches technique(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
6 / 42
Copyright © 2019, Injoinic Corp.
52
UPGATE2
Wireless charging H brige PMOS driver PIN2
53
DNGATE2
Wireless charging H brige NMOS driver PIN2
54
UPGATE1
Wireless charging H brige PMOS driver PIN1
55
DNGATE1
Wireless charging H brige NMOS driver PIN1
56
FCAP
Battery capacity selection, different resistance connection, different
battery capacity can be selected
57
VSET
Battery voltage selection, different resistance connection, different
charging battery voltage can be selected
58
KEY_MODE
Key function definition pin, connecting different resistances, different key
function definitions can be selected.Used as IO driver when making digital
tube scheme
59、60
VOUT2
VOUT2 output port power pin
61、62
VOUT1
VOUT1 output port power pin
65(EPAD)
GND
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42