Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP5312 Fiches technique(PDF) 4 Page - Injoinic Technology Co.,Ltd.

No de pièce IP5312
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INJOINIC [Injoinic Technology Co.,Ltd.]
Site Internet  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Fiches technique(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP5312 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
4 / 42
Copyright © 2019, Injoinic Corp.
1. Pin Definition
65 EPAD
IP5568
33
34
35
36
37
38
39
40
42
43
44
45
46
47
48
KEY_MODE
VSET
VOUT1
VSYS
VSYS
DNGATE2
UPGATE1
VOUT1
VOUT2
VOUT2
FCAP
DNGATE1
UPGATE2
AUXDRV3
AUXDRV2
AUXDRV1
VCC
17
18
19
20
21
22
23
24
25
26
27
28
BAT
VBUS
VSYS
VSYS
OTPMEMVDD
CPP
VBUS
VIN
VIN
BSTS
CPN
KEY
29
30
31
32
CC1
CL
NTC2
41
1
2
3
4
5
6
7
8
10 11 12 13 14 15 16
9
49
50
51
52
53
54
55
56
58
59
60
61
62
63
64
57
Figure 2
IP5568 Pin Assignments
Pin Num
Pin Name
PIN 定义说明
1
LED1
Battery level display drive pin LED1
2
LED2
Battery level display drive pin LED2
3
LED3
Battery level display drive pin LED3
4、5、6、7、8
LX
DCDC switch node, connect to inductor
9
BST
Internal high voltage drive, serial capacitor to LX
10
PGND
Power Ground
11
LED_R
Wireless charging status indicator driver pin
12
HLED
Fast charge status indicator drive pin
13
LED_G
Wireless charging status indicator driver pin
14
NTC1
NTC1 PIN
15
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42