Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP101GRI Fiches technique(PDF) 50 Page - List of Unclassifed Manufacturers

No de pièce IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Fiches technique(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 46Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 47Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 48Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 49Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 50Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 51Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 52Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 53Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
IP101G
Data Sheet
IP101G can sleep or wake up automatically in WOL+ master mode. There is an example as the
following figure. Setting to wake up by any packets or the link status changed, and use an active-high
INTR (interrupt) to notify the MAC when sense any WOL+ events.
INTR goes high
No
Yes
Power on
Enable INTR pin
(Write)P16R17[15]=1
Wake up by receiving any packets
(Write)P4R16[11:10]=2'b01
Select Master mode & Active High INTR
(Write)P4R16[14:13]=2'b11
Stay the idle state how long to be treat as a WOL+ event
(Write)P4R16[7:6]=2'b11
WOL+ Enable
(Write)P4R16[15]=1
Normal mode
1
2
WOL+ status
(Read)P17R17[2:0]
Case: 0X0
Case: 1XX
Case: 0X1
Sleep
2
Wake up
Wait 5sec for
PHY linkup
1
1
SEL_INTR32
(Write)P16R29[2]=1
Disable Mask
(Write)P16R17[11:8]=4'b0000
Figure 14 Sleep or wake up automatically programming guide
50/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65