Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR73XF_0609 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STR73XF_0609
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR73XF_0609 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STR73XF_0609 Datasheet HTML 26Page - STMicroelectronics STR73XF_0609 Datasheet HTML 27Page - STMicroelectronics STR73XF_0609 Datasheet HTML 28Page - STMicroelectronics STR73XF_0609 Datasheet HTML 29Page - STMicroelectronics STR73XF_0609 Datasheet HTML 30Page - STMicroelectronics STR73XF_0609 Datasheet HTML 31Page - STMicroelectronics STR73XF_0609 Datasheet HTML 32Page - STMicroelectronics STR73XF_0609 Datasheet HTML 33Page - STMicroelectronics STR73XF_0609 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Electrical parameters
STR73xF
30/53
3.3.2
Clock and timing characteristics
Crystal / Ceramic Resonator Oscillator
The STR73xF can operate with a crystal oscillator or resonator clock source. Figure 12 describes a
simple model of the internal oscillator driver as well as example of connection for an oscillator or a
resonator.
Figure 12.
Crystal Oscillator and Resonator
Notes
1) XTAL2 must not be used to directly drive external circuits.
2) For test or boot purpose, XTAL2 can be used as an high impedance input pin to provide an external
clock to the device. XTAL1 should be grounded, and XTAL2 connected to a wave signal generator
providing a 0 to VDD signal. Directly driving XTAL2 may results in deteriorated jitter and duty cycle.
CL
CL
Crystal
RS
Resonator
STR73x
STR73x
STR73x
I
RF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53