Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P6KEXXXX Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce P6KEXXXX
Description  TRANSIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KEXXXX Fiches technique(HTML) 4 Page - STMicroelectronics

  P6KEXXXX Datasheet HTML 1Page - STMicroelectronics P6KEXXXX Datasheet HTML 2Page - STMicroelectronics P6KEXXXX Datasheet HTML 3Page - STMicroelectronics P6KEXXXX Datasheet HTML 4Page - STMicroelectronics P6KEXXXX Datasheet HTML 5Page - STMicroelectronics P6KEXXXX Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P6KE
4/6
Figure 10: Ordering Information Scheme
Figure 7: Peak forward voltage drop versus
peak forward current for unidirectional types
(typical values)
Note: multiply by 2 for units with VBR ≥ 200V
Figure
8:
Transient
thermal
impedance
junction to ambient versus pulse duration (for
FR4 PC Board with Llead = 10mm)
Figure 9: Relative variation of leakage current
versus junction temperature
0.01
0.1
1
10
100
1000
1
10
100
tp
Zth (j-a) (°C/W)
P6 KE 100 CA RL
Peak Pulse Power
Breakdown Voltage
Packaging
P6 = 600W
100 = 100V
Blank = Ammopack tape
RL = Tape and reel
Types
A = Unidirectional
CA = Bidirectional



Html Pages

1 2 3 4 5 6