| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP36CW Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TIP36CW Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() December 2005 1/7 7 TIP35CW TIP36CW Complementary Silicon High Power Transistors Features ■ STMicroelectronics PREFERRED SALESTYPES Description The device is a silicon Epitaxial-Base NPN transistor mounted in TO-247 plastic package. It is intentend for use in power amplifier and switching applications. The complementary PNP type is TIP36CW. Order Codes Internal Schematic Diagram TO-247 1 2 3 Part Number Marking Package Packing TIP35CW TIP35C W TO-247 Tube TIP36CW TIP36C W TO-247 Tube www.st.com rev.2 |
Numéro de pièce similaire - TIP36CW |
|
Description similaire - TIP36CW |