| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72F324J4TA Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F324J4TA Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 163 page ![]() ST72324 11/163 Notes: 1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up 24 17 9 12 PC1/OCMP1_B/ AIN13 I/O CT X XX X X Port C1 Timer B Out- put Com- pare 1 ADC Analog Input 13 25 18 10 13 PC2 (HS)/ICAP2_B I/O CT HS X X X X Port C2 Timer B Input Capture 2 26 19 11 14 PC3 (HS)/ICAP1_B I/O CT HS X X X X Port C3 Timer B Input Capture 1 27 20 12 15 PC4/MISO/ICCDA- TA I/O CT X XX X Port C4 SPI Master In / Slave Out Data ICC Data In- put 28 21 13 16 PC5/MOSI/AIN14 I/O CT X XX X X Port C5 SPI Master Out / Slave In Data ADC Analog Input 14 29 22 14 17 PC6/SCK/ICCCLK I/O CT X XX X Port C6 SPI Serial Clock ICC Clock Output 30 23 15 18 PC7/SS/AIN15 I/O CT X XX X X Port C7 SPI Slave Select (ac- tive low) ADC Analog Input 15 31 24 16 19 PA3 (HS) I/O CT HS X ei0 X X Port A3 32 25 VDD_1 S Digital Main Supply Voltage 33 26 VSS_1 S Digital Ground Voltage 34 27 17 20 PA4 (HS) I/O CT HS X XX X Port A4 35 28 PA5 (HS) I/O CT HS X XX X Port A5 36 29 18 21 PA6 (HS) I/O CT HS X TPort A6 1) 37 30 19 22 PA7 (HS) I/O CT HS X TPort A7 1) 38 31 20 23 VPP /ICCSEL I Must be tied low. In the flash pro- gramming mode, this pin acts as the programming voltage input VPP. See Section 12.10.2 for more details. 39 32 21 24 RESET I/O CT Top priority non maskable interrupt. 40 33 22 25 VSS_2 S Digital Ground Voltage 41 34 23 26 OSC2 O Resonator oscillator inverter output 42 35 24 27 OSC1 I External clock input or Resonator os- cillator inverter input 43 36 25 28 VDD_2 S Digital Main Supply Voltage 44 37 26 29 PE0/TDO I/O CT X X X X Port E0 SCI Transmit Data Out 1 382730 PE1/RDI I/O CT X X X X Port E1 SCI Receive Data In 2 392831 PB0 I/O CT X ei2 X X Port B0 Caution: Negative current injection not allowed on this pin 5) 3 40 PB1 I/O CT X ei2 X X Port B1 4 41 PB2 I/O CT X ei2 X X Port B2 5 422932 PB3 I/O CT X ei2 X X Port B3 Pin n° Pin Name Level Port Main function (after reset) Alternate Function Input Output 1 |