Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS952ID/IDT Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce TS952ID/IDT
Description  Input/Output Rail-to-Rail Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS952ID/IDT Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button TS952ID/IDT Datasheet HTML 7Page - STMicroelectronics TS952ID/IDT Datasheet HTML 8Page - STMicroelectronics TS952ID/IDT Datasheet HTML 9Page - STMicroelectronics TS952ID/IDT Datasheet HTML 10Page - STMicroelectronics TS952ID/IDT Datasheet HTML 11Page - STMicroelectronics TS952ID/IDT Datasheet HTML 12Page - STMicroelectronics TS952ID/IDT Datasheet HTML 13Page - STMicroelectronics TS952ID/IDT Datasheet HTML 14Page - STMicroelectronics TS952ID/IDT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Package Mechanical Data
TS951-TS952-TS954
14/15
3.7
SOT23-5 Package
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.90
1.45
35.4
57.1
A1
0.00
0.15
0.0
5.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
2.60
3.00
102.3
118.1
E1
1.50
1.75
59.0
68.8
e.95
37.4
e1
1.9
74.8
L
0.35
0.55
13.7
21.6
SOT23-5L MECHANICAL DATA
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15