Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGP10NC60H Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STGP10NC60H
Description  N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60H Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STGP10NC60H_06 Datasheet HTML 5Page - STMicroelectronics STGP10NC60H_06 Datasheet HTML 6Page - STMicroelectronics STGP10NC60H_06 Datasheet HTML 7Page - STMicroelectronics STGP10NC60H_06 Datasheet HTML 8Page - STMicroelectronics STGP10NC60H_06 Datasheet HTML 9Page - STMicroelectronics STGP10NC60H_06 Datasheet HTML 10Page - STMicroelectronics STGP10NC60H_06 Datasheet HTML 11Page - STMicroelectronics STGP10NC60H_06 Datasheet HTML 12Page - STMicroelectronics STGP10NC60H_06 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STGP10NC60H
Test circuits
9/13
3
Test circuits
Figure 15. Test circuit for inductive load
switching
Figure 16. Gate charge test circuit
Figure 17. Switching waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13