Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN724 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STN724
Description  NPN medium power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN724 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STN724 Datasheet HTML 3Page - STMicroelectronics STN724 Datasheet HTML 4Page - STMicroelectronics STN724 Datasheet HTML 5Page - STMicroelectronics STN724 Datasheet HTML 6Page - STMicroelectronics STN724 Datasheet HTML 7Page - STMicroelectronics STN724 Datasheet HTML 8Page - STMicroelectronics STN724 Datasheet HTML 9Page - STMicroelectronics STN724 Datasheet HTML 10Page - STMicroelectronics STN724 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STF724 STN724
9/11
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.4
1.6
55.1
63.0
B
0.44
0.56
17.3
22.0
B1
0.36
0.48
14.2
18.9
C
0.35
0.44
13.8
17.3
C1
0.35
0.44
13.8
17.3
D
4.4
4.6
173.2
181.1
D1
1.62
1.83
63.8
72.0
E
2.29
2.6
90.2
102.4
e
1.42
1.57
55.9
61.8
e1
2.92
3.07
115.0
120.9
H
3.94
4.25
155.1
167.3
L
0.89
1.2
35.0
47.2
P025H
SOT-89 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11