Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5565AVZ112R2 Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc

No de pièce MPC5565AVZ112R2
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565AVZ112R2 Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5565AVZ112R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
2
PowerPC instruction set. This family of parts contains many new features coupled with high performance
CMOS technology to provide significant performance improvement over the MPC565.
The MPC5565 of the MPC5500 family has two levels of memory hierarchy. The fastest accesses are to the
8-kilobyte unified cache. The next level in the hierarchy contains the 64-kilobyte on-chip internal SRAM
and 2 Mbyte internal Flash memory. Both the internal SRAM and the Flash memory can hold instructions
and data. The external bus interface has been designed to support most of the standard memories used with
the MPC5xx family.
The complex I/O timer functions of the MPC5500 family are performed by an enhanced time processor
unit engine (eTPU). The eTPU engine controls 32 hardware channels. The eTPU has been enhanced over
the TPU by providing 24-bit timers, double action hardware channels, variable number of parameters per
channel, angle clock hardware, and additional control and arithmetic instructions. The eTPU can be
programmed using a high-level programming language.
The less complex timer functions of the MPC5500 family are performed by the enhanced modular
input/output system (eMIOS). The eMIOS’ 24 hardware channels are capable of single action, double
action, pulse width modulation (PWM), and modulus counter operation. Motor control capabilities include
edge-aligned and center-aligned PWM.
Off-chip communication is performed by a suite of serial protocols including controller area networks
(FlexCANs), enhanced deserial/serial peripheral interfaces (DSPI), and enhanced serial communications
interfaces (eSCIs). The DSPIs support pin reduction through hardware serialization and deserialization of
timer channels and general-purpose input/output (GPIO) signals.
The MCU of the MPC5565 has an on-chip 40-channel enhanced queued dual analog-to-digital converter
(eQADC).
The system integration unit (SIU) performs several chip-wide configuration functions. Pad configuration
and general-purpose input and output (GPIO) are controlled from the SIU. External interrupts and reset
control are also found in the SIU. The internal multiplexer submodule (SIU_DISR) provides multiplexing
of eQADC trigger sources, daisy chaining the DSPIs and external interrupt signal multiplexing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48