Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM111 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button TSM111_03 Datasheet HTML 5Page - STMicroelectronics TSM111_03 Datasheet HTML 6Page - STMicroelectronics TSM111_03 Datasheet HTML 7Page - STMicroelectronics TSM111_03 Datasheet HTML 8Page - STMicroelectronics TSM111_03 Datasheet HTML 9Page - STMicroelectronics TSM111_03 Datasheet HTML 10Page - STMicroelectronics TSM111_03 Datasheet HTML 11Page - STMicroelectronics TSM111_03 Datasheet HTML 12Page - STMicroelectronics TSM111_03 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TSM111
9/17
AN EXAMPLE OF 90W MICRO ATX POWER
SUPPLY USING L5991A, VIPER20 AND
TSM111
Protection against accidental short circuits and
fault conditions is mandatory in PC power sup-
plies. These protection circuits can be realized by
using many discrete components which occupy a
lot of PCB space, design time in fine tuning the cir-
cuit and also add to assembling costs.
ST’s single chip TSM111 IC provides complete
protection circuits design easier, with fewer num-
ber of components. TSM111 is an ideal supervisor
IC for PC power supplies.
The salient features and benefits of this device are
listed below :
a) Over voltage protection for 3.3V, 5V and 12V
without external component.
b) Over current protection for 3.3V, 5V and 12V.
c) Generates Power Good signal.
d) Programmable timing for Power Good signal.
e) Wide range supply operating voltage up to 36V
(44V AMR).
f) Stable internal voltage reference.
g) Two 1.6% voltage reference for Main and Aux-
iliary regulation.
h) Few external components.
i) Circuit occupies little space on PCB.
j) Easy implementation of the circuit.
FEATURE DESCRIPTIONS
a) Over voltage protection can be implemented
without any additional components. Overvoltage
sense levels for 3.3V, 5V, 12V are 4V, 6.1V, 14.2V
respectively. With very little tolerances, better pro-
tection is achieved.
b) Over current protection can be implemented
with very small value sense resistors. As the cur-
rent sense threshold levels are set very low, regu-
lation is not affected. The current sense threshold
levels for 3.3V, 5V, 12V are 50mV, 50mV and
65mV respectively.
c) The power good signal (pin9) is asserted to in-
dicate the 5V and 3.3V is above the under voltage
threshold level. PG pin goes high when the above
condition is reached. Pull up resistor R27 (3.1K) is
connected to 5V STDBY supply from this pin.
d) The timing of the power good signal can be con-
trolled by adjusting the value of the charging ca-
pacitor on pin 10. With 2.2
µF/16V capacitor on pin
10, 400msec turn on delay is achieved.
e) The power supply can be operated from 14.5V
to 36V. The VCC must always be higher than the
supply voltage on the 12V input pin by 2V .i.e. if
14V is appearing 12V input pin the Vcc must be >
16V.
f) Two internal high precision TL431 shunt regula-
tors are built-in. It provides stable reference volt-
ages with a voltage precision of 1.6%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17