Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM706TDS6E Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM706TDS6E
Description  3V Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706TDS6E Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM706TDS6E Datasheet HTML 9Page - STMicroelectronics STM706TDS6E Datasheet HTML 10Page - STMicroelectronics STM706TDS6E Datasheet HTML 11Page - STMicroelectronics STM706TDS6E Datasheet HTML 12Page - STMicroelectronics STM706TDS6E Datasheet HTML 13Page - STMicroelectronics STM706TDS6E Datasheet HTML 14Page - STMicroelectronics STM706TDS6E Datasheet HTML 15Page - STMicroelectronics STM706TDS6E Datasheet HTML 16Page - STMicroelectronics STM706TDS6E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
STM706T/S/R; STM706P; STM708T/S/R
Figure 18. Watchdog Time-out Period vs. Temperature
Figure 19. PFI to PFO Propagation Delay vs. Temperature
Temperature (
°C)
AI09146b
1.60
1.65
1.70
1.75
1.80
1.85
1.90
–40
–20
0
20
40
60
80
100
120
VCC = 3.0V
VCC = 4.5V
VCC = 5.5V
Temperature (
°C)
AI09148b
0.0
1.0
2.0
3.0
4.0
–40
–20
0
20
40
60
80
100
120
VCC = 3.0V
VCC = 3.6V
VCC = 4.5V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26