| Moteur de recherche de fiches techniques de composants électroniques |
|
LF90ABDT Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF90ABDT Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 46 page ![]() Maximum ratings LF00 series 4/46 2 Maximum ratings Table 1. Absolute maximum ratings Symbol Parameter Value Unit VI DC Input Voltage -0.5 to 40(1) 1. For 18 < VI < 40 the regulator is in shut-down V IO Output Current Internally Limited PTOT Power Dissipation Internally Limited TSTG Storage Temperature Range -40 to 150 °C TOP Operating Junction Temperature Range -40 to 125 °C Table 2. Thermal data Symbol Parameter PENTAWATT TO-220 TO-220FP DPAK/PPAK Unit RthJC Thermal resistance junction-case 3 3 5 8 °C/W RthJA Thermal resistance junction-ambient 50 50 60 100 °C/W Figure 2. Test circuit |