Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M48T86PC1 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce M48T86PC1
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86PC1 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button M48T86PC1 Datasheet HTML 24Page - STMicroelectronics M48T86PC1 Datasheet HTML 25Page - STMicroelectronics M48T86PC1 Datasheet HTML 26Page - STMicroelectronics M48T86PC1 Datasheet HTML 27Page - STMicroelectronics M48T86PC1 Datasheet HTML 28Page - STMicroelectronics M48T86PC1 Datasheet HTML 29Page - STMicroelectronics M48T86PC1 Datasheet HTML 30Page - STMicroelectronics M48T86PC1 Datasheet HTML 31Page - STMicroelectronics M48T86PC1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
DC and AC parameters
M48T86
28/36
Figure 15.
PCDIP24 – 24-pin plastic DIP, battery CAPHAT, package outline
Note:
Drawing is not to scale.
PCDIP
A2
A1
A
L
B1
B
e1
D
E
N
1
C
eA
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36