Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M48T86 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce M48T86
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics M48T86 Datasheet HTML 10Page - STMicroelectronics M48T86 Datasheet HTML 11Page - STMicroelectronics M48T86 Datasheet HTML 12Page - STMicroelectronics M48T86 Datasheet HTML 13Page - STMicroelectronics M48T86 Datasheet HTML 14Page - STMicroelectronics M48T86 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
M48T86
Operation
11/36
R/W (READ/WRITE input).
The R/W pin is used to latch data into the M48T86 and provides functionality similar to W in
other memory systems.
Non-volatile RAM
The 114 general-purpose non-volatile RAM bytes are not dedicated to any special function
within the M48T86. They can be used by the processor program as non-volatile memory
and are fully accessible during the update cycle.
Figure 5.
Intel bus READ AC waveform
Figure 6.
Intel bus WRITE mode AC waveform
AI01647
tCYC
tASD
tASW
AS
E
AD0-AD7
tDSL
tDSH
tDAS
tCS
tOD
tCH
tAS
tAH
tDHR
DS
R/W
AI01648
tCYC
tASD
tASW
AS
E
AD0-AD7
tDSL
tDSH
tDAS
tCS
tDW
tCH
tAS
tAH
tDHW
DS
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36