| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56004UM/AD Fiches technique(PDF) 74 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56004UM/AD Fiches technique(HTML) 74 Page - Freescale Semiconductor, Inc |
|
74 / 82 page ![]() 3-8 DSP56004/D, Rev. 3 MOTOROLA Packaging Ordering Drawings ORDERING DRAWINGS Complete mechanical information regarding DSP56004 packaging is available by facsimile through Motorola's Mfax™ system. Call the following number to obtain information by facsimile: The Mfax automated system requests the following information: • The receiving facsimile telephone number including area code or country code • The caller’s Personal Identification Number (PIN) Note: For first time callers, the system provides instructions for setting up a PIN, which requires entry of a name and telephone number. • The type of information requested: – Instructions for using the system – A literature order form – Specific part technical information or data sheets – Other information described by the system messages A total of three documents may be ordered per call. The DSP56004 80-pin PQFP package mechanical drawing is referenced as 841B-01. (602) 244-6591 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |