| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56004ROM Fiches technique(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56004ROM Fiches technique(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 82 page ![]() 3-2 DSP56004/D, Rev. 3 MOTOROLA Packaging Pin-out and Package Information PQFP Package Description Top and bottom views of the PQFP package are shown in Figure 3-1 and Figure 3-2 with their pin-outs. Figure 3-1 Top View (Top View) Orientation Mark 61 41 Note: An OVERBAR indicates the signal is asserted when the voltage = ground (active low). To simplify locating the pins, each fifth pin is shaded in the illustration. 21 1 DR MD7 MD6 MD5 MD4 GNDD MD3 MD2 MD1 VCCD MD0 GNDD GPIO3 GPIO2 GPIO1 GPIO0 MRD MWR MA17/MCS1/MRAS MA16/MCS2/MCAS VCCS MODC/NMI MODB/IRQB MODA/IRQA RESET MISO/SDA GNDS VCCP PCAP GNDP PINIT GNDQ VCCQ EXTAL SCK/SCL MA0 MA1 MA2 MA3 GNDA Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |