Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1510FX Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce 1510FX
Description  High voltage fast-switching NPN Power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1510FX Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button 1510FX Datasheet HTML 2Page - STMicroelectronics 1510FX Datasheet HTML 3Page - STMicroelectronics 1510FX Datasheet HTML 4Page - STMicroelectronics 1510FX Datasheet HTML 5Page - STMicroelectronics 1510FX Datasheet HTML 6Page - STMicroelectronics 1510FX Datasheet HTML 7Page - STMicroelectronics 1510FX Datasheet HTML 8Page - STMicroelectronics 1510FX Datasheet HTML 9Page - STMicroelectronics 1510FX Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST1510FX
Package mechanical data
7/10
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10