| Moteur de recherche de fiches techniques de composants électroniques |
|
S2000AF Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2000AF Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. March 2007 Rev 1 1/8 8 Order codes Part Number Marking Package Packaging S2000AF S2000AF ISOWATT218FX Tube S2000AF High voltage NPN Power transistor for standard Definition CRT display Features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ Stable performances versus operating temperature variation ■ Low base-drive requirement ■ Tigh hFE range at operating collector current ■ High ruggedness ■ Fully insulated power package U.L. compliant ■ In compliance with the 2002/93/EC European directive Applications ■ Horizontal deflection output for CRT TV ■ Switch mode power supplies for CRT TV Description The S2000AF is manufactured using Diffused Collector in Planar Technology adopting new and enhanced high voltage structure for updated performance to the Horizontal Deflection stage. Internal schematic diagram ISOWATT218FX 1 2 3 www.st.com |
Numéro de pièce similaire - S2000AF |
|
Description similaire - S2000AF |