Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72104G1M7/XXX Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce ST72104G1M7/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G1M7/XXX Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button ST72104G1M7/XXX Datasheet HTML 31Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 32Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 33Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 34Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 35Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 36Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 37Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 38Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
35/140
I/O PORTS (Cont’d)
Table 9. I/O Port Register Map and Reset Values
Address
(Hex.)
Register
Label
7654
3210
Reset Value
of all I/O port registers
00
0
0
0000
0000h
PCDR
MSB
LSB
0001h
PCDDR
0002h
PCOR
0004h
PBDR
MSB
LSB
0005h
PBDDR
0006h
PBOR
0008h
PADR
MSB
LSB
0009h
PADDR
000Ah
PAOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More