| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4937-1YCPZ-R2 Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4937-1YCPZ-R2 Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 9 page ![]() Preliminary Technical Data ADA4937-1 Rev. PrA | Page 5 of 9 3.3 V OPERATION At 25°C, +VS = 3.3 V, -VS = 0 V, VOCM = 1.5 V, RG = RF = 200 Ω, G = +1, RL, dm = 1 kΩ, unless otherwise noted. All specifications refer to single-ended input and differential outputs, unless otherwise noted. Table 2. Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Small Signal Bandwidth VOUT = 0.5 V p-p, Differential Input 1600 MHz Bandwidth for 0.1 dB Flatness VOUT = 1 V p-p, Differential Input 125 MHz Large Signal Bandwidth VOUT = 1 V p-p, Differential Input 1000 MHz Slew Rate VOUT = 1 V p-p 3300 V/μs Settling Time 0.01%, VOUT = 1 Vp-p 8 ns Overdrive Recovery Time VIN = 1.65 V to 0 V step, G = +2 4 ns NOISE/HARMONIC PERFORMANCE1 Second Harmonic VOUT = 1 V p-p, 10 MHz −106 dBc VOUT = 1 V p-p, 70 MHz −88 dBc VOUT = 1 V p-p, 100 MHz −81 dBc Third Harmonic VOUT = 1 V p-p, 10 MHz −93 dBc VOUT = 1 V p-p, 70 MHz −80 dBc VOUT = 1 V p-p, 100 MHz −71 dBc IMD 70 MHz dBc IP3 70 MHz dBm Voltage Noise (RTI) 2.2 nV/√Hz Noise Figure G = +2 12 dB Input Current Noise 3 pA/√Hz INPUT CHARACTERISTICS Offset Voltage VOS, dm = VOUT, dm/2; VDIN+ = VDIN− = 1.5 V 1 mV TMIN to TMAX variation ±4 μV/°C Input Bias Current −50 −17 μA TMIN to TMAX variation −0.01 μA/°C Input Resistance Differential 6 MΩ Common mode 3 MΩ Input Capacitance 1 pF Input Common-Mode Voltage 0.3 to 1.2 V CMRR ∆VOUT, dm/∆VIN, cm; ∆VIN, cm = ±1 V −72 dB OUTPUT CHARACTERISTICS Output Voltage Swing Maximum ∆VOUT; single-ended output 1.1 1.9 V Output Current 95 mA Output Balance Error ∆VOUT, cm/∆VOUT, dm; ∆VOUT, dm = 1 V −56 dB VOCM to ±OUT PERFORMANCE VOCM DYNAMIC PERFORMANCE −3 dB Bandwidth 250 MHz Slew Rate V = 0.5 V 1300 V/μs INPUT VOLTAGE NOISE (RTI) 7.5 nV/√Hz VOCM INPUT CHARACTERISTICS Input Voltage Range 1.2 2.1 V Input Resistance 10 kΩ Input Offset Voltage VOS, cm = VOUT, cm; VDIN+ = VDIN– = 1.5 V 1 3.5 mV Input Bias Current 0.5 μA VOCM CMRR ∆VOUT, dm/∆VOCM; ∆VOCM = ±1 V −75 dB Gain ∆VOUT, cm/∆VOCM; ∆VOCM = ±1 V 1 V/V POWER SUPPLY Operating Range 3 5.5 V Quiescent Current 33 mA |