Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1802FX Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce 1802FX
Description  High voltage NPN Power transistor for standard Definition CRT display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1802FX Fiches technique(HTML) 5 Page - STMicroelectronics

  1802FX Datasheet HTML 1Page - STMicroelectronics 1802FX Datasheet HTML 2Page - STMicroelectronics 1802FX Datasheet HTML 3Page - STMicroelectronics 1802FX Datasheet HTML 4Page - STMicroelectronics 1802FX Datasheet HTML 5Page - STMicroelectronics 1802FX Datasheet HTML 6Page - STMicroelectronics 1802FX Datasheet HTML 7Page - STMicroelectronics 1802FX Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MD1802FX
Package mechanical data
5/8
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8