Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUT232V Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce BUT232V
Description  NPN TRANSISTOR POWER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUT232V Fiches technique(HTML) 2 Page - STMicroelectronics

  BUT232V Datasheet HTML 1Page - STMicroelectronics BUT232V Datasheet HTML 2Page - STMicroelectronics BUT232V Datasheet HTML 3Page - STMicroelectronics BUT232V Datasheet HTML 4Page - STMicroelectronics BUT232V Datasheet HTML 5Page - STMicroelectronics BUT232V Datasheet HTML 6Page - STMicroelectronics BUT232V Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-case
Rthc-h
Thermal Resistance Junction-case
Max
Thermal Resistance Case-heatsink With Conductive
Grease Applied
Max
0.41
0.05
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current (RBE = 5
Ω)
VCE = VCEV
VCE = VCEV
Tc = 100
o C
1
5
mA
mA
ICEV
Collector Cut-off
Current (VBE = -1.5)
VCE = VCEV
VCE = VCEV
Tc = 100
o C
1
4
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 0.2 A
L = 25 mH
Vclamp = 300
300
V
hFE
DC Current Gain
IC = 70 A
VCE = 5 V
17
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 35 A
IB = 1.75 A
IC = 35 A
IB = 1.75 A Tc = 100
oC
IC = 70 A
IB = 7 A
IC = 70 A
IB = 7 A
Tc = 100
oC
0.5
0.7
0.5
0.9
1.9
1.9
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 70 A
IB = 7 A
IC = 70 A
IB = 7 A
Tc = 100
oC
1.1
1
1.3
V
V
diC/dt
Rate of Rise of
On-state Collector
VCC = 300 V
RC = 0
tp = 3
µs
IB1 = 10 A
Tc = 100
oC
120
190
A/
µs
VCE(3
µs) Collector-Emitter
Dynamic Voltage
VCC = 200 V
RC = 3.25
IB1 = 6.4 A
Tc = 100
oC
2.5
4
V
VCE(5
µs) Collector-Emitter
Dynamic Voltage
VCC = 200 V
RC = 3.25
IB1 = 6.4 A
Tc = 100
oC
1.4
2.5
V
ts
tf
tc
Storage Time
Fall Time
Cross-over Time
IC = 70 A
VCC = 250 V
VBB = -5 V
RBB = 0.6
Vclamp = 300 V
IB1 = 7 A
L = 0.3 mH
Tc = 100
oC
3
0.25
0.6
5
0.4
0.9
µs
µs
µs
VCEW
Maximum Collector
Emitter Voltage
Without Snubber
ICWoff = 105 A
IB1 = 7 A
VBB = -5 V
VCC = 50 V
L = 42
µH
RBB = 0.6
Tc = 125
oC
300
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUT232V
2/7



Html Pages

1 2 3 4 5 6 7