| Moteur de recherche de fiches techniques de composants électroniques |
|
BUT100 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BUT100 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() THERMAL DATA Rthj-case Thermal Resistance Junction-case Max 0.58 oC/W ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit ICER Collector Cut-off Current (RBE = 5 Ω) VCE = VCEV VCE = VCEV TC= 100 o C 1 5 mA mA ICEV Collector Cut-off Current (VBE = -1.5V) VCE = VCEV VCE = VCEV TC = 100 oC 1 4 mA mA IEBO Emitter Cut-off Current (IC = 0) VEB = 5 V 1 mA VCEO(sus) ∗ Collector-Emitter Sustaining Voltage (IB = 0) IC = 0.2 A L = 25mH 125 V VEBO Emitter-Base Voltage (IC = 0) IE = 50mA 7 V VCE(sat) ∗ Collector-Emitter Saturation Voltage IC = 50A IB = 2.5A IC = 100A IB = 10A IC = 50A IB = 2.5A Tc = 100 oC IC = 100A IB = 10A Tc = 100 oC 0.9 0.9 1.2 1.5 V V V V VBE(sat) ∗ Base-Emitter Saturation Voltage IC = 50A IB = 2.5A IC = 100A IB = 10A IC = 50A IB = 2.5A Tc = 100 oC IC = 100A IB = 10A Tc = 100 oC 1.4 2 1.4 2.1 V V V V dic/dt Rate of Rise of on-state Collector Current VCC = 100V RC = 0 IB1 = 5A Tp = 3 µs Tc = 100 o C 180 A/ µs ts tf tc INDUCTIVE LOAD Storage time Fall Time Crossover Time VCC = 90V Vclamp = 125 V IC = 50A IB1 = 2.5A VBB = - 5V LC = 80 µH RB2 = 1 Ω Tc = 100 o C 2 0.2 0.35 µs µs µs VCEW Maximum Collector Emitter Voltage without Snubber VCC = 90V ICWoff = 150A VBB = - 5 V IB1 = 10A LC = 30 µH RB2 = 1 Ω Tc = 125 oC 125 V ∗ Pulsed: Pulse duration = 3µs, duty cycle = 2 % BUT100 2/4 |