| Moteur de recherche de fiches techniques de composants électroniques |
|
M24512-WDW6TP Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24512-WDW6TP Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 31 page ![]() Part numbering M24512-W, M24512-R, M24256-BW, M24256-BR 28/31 8 Part numbering For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST Sales Office. The category of Second-Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. Table 18. Ordering information scheme Example: M24512– W MW 6 T P Device Type M24 = I2C serial access EEPROM Device Function 512– = 512 Kbit (64 Kb × 8) 256–B = 256 Kbit (32 Kb × 8) Operating Voltage W = VCC = 2.5 to 5.5V R = VCC = 1.8 to 5.5V Package MW = SO8 (208 mils width) MN = SO8 (150 mils body width) DW = TSSOP8 Device Grade 6 = Industrial temperature range, –40 to 85 °C. Device tested with standard test flow Option blank = Standard Packing T = Tape and Reel Packing Plating Technology P or G = ECOPACK® (RoHS compliant) |