| Moteur de recherche de fiches techniques de composants électroniques |
|
M24512-RMN6TP Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24512-RMN6TP Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 31 page ![]() Revision history M24512-W, M24512-R, M24256-BW, M24256-BR 30/31 05-May-2006 5 Power On Reset paragraph replaced by Section 2.5: Supply voltage (VCC). Figure 3: Device Select Code added. ECC (Error Correction Code) and Write cycling added and specified at 1 Million cycles. ICC0 added and ICC1 specified over the whole voltage range in Table 11 and Table 12. PDIP8 package removed. Packages are ECOPACK® compliant. Small text changes. 16-Oct-2006 6 M24256-BW and M24256-BR part numbers added. Section 3.9: ECC (Error Correction Code) and Write cycling updated. ICC and ICC1 modified in Table 12: DC characteristics (M24xxx-R). tW modified in Table 13: AC characteristics (M24xxx-W, see Table 7 and Table 9). SO8Narrow package specifications updated (see Table 16 and Figure 13). Blank option removed from below Plating Technology in Table 18: Ordering information scheme. Table 19. Document revision history (continued) Date Revision Changes |