| Moteur de recherche de fiches techniques de composants électroniques |
|
L7812ABP Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7812ABP Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 28 page ![]() Maximum ratings L7800AB/AC series 4/28 2 Maximum ratings Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied Table 1. Absolute maximum ratings Symbol Parameter Value Unit VI DC Input voltage for VO= 5 to 18V 35 V for VO= 20, 24V 40 IO Output current Internally Limited mA PD Power dissipation Internally Limited mW TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range for L7800AC 0 to 150 °C for L7800AB -40 to 125 Table 2. Thermal Data Symbol Parameter TO-220 TO-220FP D2PAK Unit RthJC Thermal resistance junction-case 3 5 3 °C/W RthJA Thermal resistance junction-ambient 50 60 62.5 °C/W Figure 3. Application circuits |