| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54C-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAT54C-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAT54x DIODE www.unisonic.com.tw 1 of 4 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R601-007,C SCHOTTKY BARRIER (DUAL) DIODES DESCRIPTION Planar Schottky barrier diodes encapsulated in the SOT-23 and SOT-323 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES * Low forward voltage * Guard ring protected * Small plastic SMD package SOT-23 3 2 1 SOT-323 3 2 1 *Pb-free plating product number: BAT54xL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing BAT54-AE3-R BAT54L-AE3-R SOT-23 x A K Tape Reel BAT54A-AE3-R BAT54AL-AE3-R SOT-23 K1 K2 A2A1 Tape Reel BAT54C-AE3-R BAT54CL-AE3-R SOT-23 A1 A2 K2K1 Tape Reel BAT54S-AE3-R BAT54SL-AE3-R SOT-23 K1 A2 K2A1 Tape Reel BAT54-AL3-R BAT54L-AL3-R SOT-323 x A K Tape Reel BAT54A-AL3-R BAT54AL-AL3-R SOT-323 K1 K2 A2A1 Tape Reel BAT54C-AL3-R BAT54CL-AL3-R SOT-323 A1 A2 K2K1 Tape Reel BAT54S-AL3-R BAT54SL-AL3-R SOT-323 K1 A2 K2A1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode x:NC BAT54L-AE3-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323 (3) L: Lead Free Plating, Blank: Pb/Sn |
Numéro de pièce similaire - BAT54C-AL3-R |
|
Description similaire - BAT54C-AL3-R |