| Moteur de recherche de fiches techniques de composants électroniques |
|
BU508AW Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BU508AW Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. March 2007 Rev 1 1/8 8 Order codes Part Number Marking Package Packaging BU508AW BU508AW TO-247 Tube BU508AW High voltage NPN Power transistor for standard Definition CRT display Features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ Stable performances versus operating temperature variation ■ Low base-drive requirement ■ Tight hFE range at operating collector current ■ High ruggedness ■ TO-247 semi-insulated power package ■ In compliance with the 2002/93/EC European directive Applications ■ Horizontal deflection output for CRT TV ■ Switch mode power supplies for CRT TV Description The BU508AW is manufactured using Diffused Collector in Planar Technology adopting new and enhanced high voltage structure for updated performance to the Horizontal Deflection stage. Internal schematic diagram TO-247 1 2 3 www.st.com |
Numéro de pièce similaire - BU508AW |
|
Description similaire - BU508AW |