| Moteur de recherche de fiches techniques de composants électroniques |
|
BU508AF Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BU508AF Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. March 2007 Rev 1 1/8 8 Order codes Part Number Marking Package Packaging BU508AF BU508AF ISOWATT218FX Tube BU508AF High voltage NPN Power transistor for standard Definition CRT display Features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ Stable performances versus operating temperature variation ■ Low base-drive requirement ■ Tight hFE range at operating collector current ■ High ruggedness ■ Fully insulated power package U.L. compliant ■ In compliance with the 2002/93/EC European directive Applications ■ Horizontal deflection output for CRT TV ■ Switch mode power supplies for CRT TV Description The BU508AF is manufactured using Diffused Collector in Planar Technology adopting new and enhanced high voltage structure for updated performance to the Horizontal Deflection stage. Internal schematic diagram ISOWATT218FX 1 2 3 www.st.com |
Numéro de pièce similaire - BU508AF |
|
Description similaire - BU508AF |