Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST207EBPR Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce ST207EBPR
Description  짹 15kV ESD protected 5V RS-232 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207EBPR Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button ST207EBPR Datasheet HTML 7Page - STMicroelectronics ST207EBPR Datasheet HTML 8Page - STMicroelectronics ST207EBPR Datasheet HTML 9Page - STMicroelectronics ST207EBPR Datasheet HTML 10Page - STMicroelectronics ST207EBPR Datasheet HTML 11Page - STMicroelectronics ST207EBPR Datasheet HTML 12Page - STMicroelectronics ST207EBPR Datasheet HTML 13Page - STMicroelectronics ST207EBPR Datasheet HTML 14Page - STMicroelectronics ST207EBPR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ST207E
Package mechanical data
11/17
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2
0.079
A1
0.05
0.002
A2
1.65
1.75
1.85
0.065
0.069
0.073
b
0.22
0.38
0.009
0.015
c
0.09
0.25
0.004
0.010
D
7.9
8.2
8.5
0.311
0.323
0.335
E
7.4
7.8
8.2
0.291
0.307
0.323
E1
5.00
5.3
5.6
0.197
0.209
0.220
e
0.65 BSC
0.0256 BSC
K0˚
8˚
0˚
8˚
L
0.55
0.75
0.95
0.022
0.030
0.037
SSOP24 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0053237/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17