| Moteur de recherche de fiches techniques de composants électroniques |
|
BFX34 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BFX34 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BFX34 SILICON NPN TRANSISTOR s STMicroelectronics PREFERRED SALESTYPE s NPN TRANSISTOR DESCRIPTION The BFX34 is a silicon Epitaxial Planar NPN transistor in Jedec TO-39 metal case, intented for high current applications. Very low saturation voltage and high speed at high current levels make it ideal for power drivers, power amplifiers, switching power supplies and relay drivers inverters. INTERNAL SCHEMATIC DIAGRAM August 2001 TO-39 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 120 V VCEO Collector-Emitter Voltage (IB = 0) 60 V VEBO Emitter-Base Voltage (IC = 0) 6 V IC Collector Current 5 A Ptot Total Dissipation at Tcase ≤ 25 oC Tamb ≤ 25 oC 5 0.87 W W Tstg Storage Temperature -65 to 200 oC Tj Max. Operating Junction Temperature 200 oC ® 1/4 |
Numéro de pièce similaire - BFX34 |
|
Description similaire - BFX34 |