| Moteur de recherche de fiches techniques de composants électroniques |
|
BD678 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD678 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 6 page ![]() THERMAL DATA Rthj-case Rthj-amb Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max 3.12 100 oC/W oC/W ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit ICBO Collector Cut-off Current (IE = 0) VCE = rated VCBO VCE = rated VCBO TC = 100 oC 0.2 2 mA mA ICEO Collector Cut-off Current (IB = 0) VCE = half rated VCEO 0.5 mA IEBO Emitter Cut-off Current (IC = 0) VEB = 5 V 2 mA VCEO(sus) ∗ Collector-Emitter Sustaining Voltage (IB = 0) IC = 50 mA for BD677/677A/678/678A for BD679/679A/680/680A for BD681/682 60 80 100 V V V VCE(sat) ∗ Collector-Emitter Saturation Voltage for BD677/678/679/680/681/682 IC = 1.5 A IB = 30 mA for BD677A/678A/679A/680A IC = 2 A IB = 40 mA 2.5 2.8 V V VBE ∗ Base-Emitter Voltage for BD677/678/679/680/681/682 IC = 1.5 A VCE = 3 V for BD677A/678A/679A/680A IC = 2 A VCE = 3 V 2.5 2.5 V V hFE ∗ DC Current Gain for BD677/678/679/680/681/682 IC = 1.5 A VCE = 3 V for BD677A/678A/679A/680A IC = 2 A VCE = 3 V 750 750 hfe Small Signal Current Gain IC = 1.5 A VCE = 3 V f = 1MHz 1 * Pulsed: Pulse duration = 300 µs, duty cycle 1.5 % For PNP types voltage and current values are negative. Safe Operating Areas Derating Curve BD677/677A/678/678A/679/679A/680/680A/681/682 2/6 |