Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP127FP Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TIP127FP
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP127FP Fiches technique(HTML) 4 Page - STMicroelectronics

  TIP127FP_03 Datasheet HTML 1Page - STMicroelectronics TIP127FP_03 Datasheet HTML 2Page - STMicroelectronics TIP127FP_03 Datasheet HTML 3Page - STMicroelectronics TIP127FP_03 Datasheet HTML 4Page - STMicroelectronics TIP127FP_03 Datasheet HTML 5Page - STMicroelectronics TIP127FP_03 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Base Emitter On Voltage (NPN type)
Freewheel Diode Forward Voltage (NPN type)
Base Emitter On Voltage (PNP type)
Freewheel Diode Forward Voltage (PNP type)
Switching Time Resistive Load (NPN type)
Switching Time resistive Load (PNP type)
TIP122FP / TIP127FP
4/6



Html Pages

1 2 3 4 5 6