| Moteur de recherche de fiches techniques de composants électroniques |
|
TAS5504 Fiches technique(PDF) 89 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5504 Fiches technique(HTML) 89 Page - Texas Instruments |
|
89 / 96 page ![]() Serial Control Interface Register Definitions 83 SLES123 − October 2004 TAS5504 6.32 Treble Filter Set Register (0xDC) Bits D31−D27 are Don’t Care. Table 6−41. Channel 4 Sub Woofer D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 No change 0 0 0 0 0 0 0 1 Treble filter set 1 0 0 0 0 0 0 1 0 Treble filter set 2 0 0 0 0 0 1 1 1 Treble filter set 3 0 0 0 0 0 1 0 0 Treble filter set 4 0 0 0 0 0 1 0 1 Treble filter set 5 0 0 0 0 0 1 1 0 Illegal 0 0 0 0 0 1 1 1 Illegal Table 6−42. Channel 3, 2, 1 (Center, Right Front, and Left Front) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 0 0 0 0 0 0 0 No change 0 0 0 0 0 0 0 1 Treble filter set 1 0 0 0 0 0 0 1 0 Treble filter set 2 0 0 0 0 0 1 1 1 Treble filter set 3 0 0 0 0 0 1 0 0 Treble filter set 4 0 0 0 0 0 1 0 1 Treble filter set 5 0 0 0 0 0 1 1 0 Illegal 0 0 0 0 0 1 1 1 Illegal |