| Moteur de recherche de fiches techniques de composants électroniques |
|
BD136 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD136 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BD136 BD138/BD140 PNP SILICON TRANSISTORS s STMicroelectronics PREFERRED SALESTYPES s PNP TRANSISTOR DESCRIPTION The BD136, BD138 and BD140 are silicon Epitaxial Planar PNP transistors mounted in Jedec SOT-32 plastic package, designed for audio amplifiers and drivers utilizing complementary or quasi-complementary circuits. The complementary NPN types are the BD135 BD137 and BD139. ® INTERNAL SCHEMATIC DIAGRAM November 2001 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit BD136 BD138 BD140 VCBO Collector-Base Voltage (IE = 0) -45 -60 -80 V VCEO Collector-Emitter Voltage (IB = 0) -45 -60 -80 V VEBO Emitter-Base Voltage (IC = 0) -5 V IC Collector Current -1.5 A ICM Collector Peak Current -3 A IB Base Current -0.5 A Ptot Total Dissipation at Tc ≤ 25 oC 12.5 W Ptot Total Dissipation at Tamb ≤ 25 oC 1.25 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 3 2 1 SOT-32 Type Marking BD136 BD136 BD136-10 BD136-10 BD136-16 BD136-16 BD138 BD138 BD140 BD140 BD140-10 BD140-10 BD140-16 BD140-16 1/4 |
Numéro de pièce similaire - BD136 |
|
Description similaire - BD136 |