| Moteur de recherche de fiches techniques de composants électroniques |
|
BCP56-16 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BCP56-16 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() June 2006 Rev 3 1/9 9 Order codes Part Number Marking Package Packing BCP56-16 BCP5616 SOT-223 Tape & reel BCP56-16 Low power NPN Transistor General features ■ Silicon epitaxial planar NPN medium voltage transistor ■ SOT-223 plastic package for surface mounting circuits ■ Available in tape & reel packing ■ In compliance with the 2002/93/EC European Directive ■ The PNP complementary type is BCP53-16 Applications ■ Medium voltage load switch transistor ■ Output stage for audio amplifiers circuits ■ Automotive post-voltage regulation Internal schematic diagram 1 2 2 3 SOT-223 www.st.com |
Numéro de pièce similaire - BCP56-16 |
|
Description similaire - BCP56-16 |