| Moteur de recherche de fiches techniques de composants électroniques |
|
MBR560S Fiches technique(PDF) 2 Page - SMC Diode Solutions Co. LTD |
|
|
|||||||||||||||||||||||||||||
MBR560S Fiches technique(HTML) 2 Page - SMC Diode Solutions Co. LTD |
|
2 / 3 page ![]() Technical Data Data Sheet N1379, Rev. C China - Germany - Korea - Singapore - United States http://www.smc-diodes.com - sales@ smc-diodes.com MBR560S Characteristics Symbol Condition Specification Units Junction Temperature TJ - -55 to +150 C Storage Temperature Tstg - -55 to +150 C Typical Thermal Resistance Junction to Case RJC - 3.5 C/W Typical Thermal Resistance Junction to Ambient RJA 70 C/W Approximate Weight wt - 0.08 g Notes: New Mechanical Dimensions is performed from date code 2236X. Thermal-Mechanical Specifications: SYMBOL Millimeters Inches Min. Max. Min. Max. A 0.95 1.25 0.037 0.049 A1 0.20 0.30 0.008 0.012 b 0.85 0.95 0.033 0.037 b1 1.70 1.90 0.067 0.075 D 3.88 4.08 0.153 0.161 D1 2.90 3.20 0.114 0.126 e 1.74 1.94 0.069 0.076 E 6.30 6.70 0.248 0.264 E1 5.28 5.48 0.208 0.216 E2 3.40 3.70 0.134 0.146 L 0.70 1.00 0.028 0.039 L1 0.41 0.71 0.016 0.028 W 1.10 1.40 0.043 0.055 Mechanical Dimensions TO-277B Mechanical Dimensions TO-277B(New) SYMBOL Millimeters Inches Min. Max. Min. Max. A 0.95 1.25 0.037 0.049 A1 0.20 0.30 0.008 0.012 b 0.85 0.95 0.033 0.037 b1 1.70 1.90 0.067 0.075 D 3.88 4.08 0.153 0.161 D1 2.90 3.20 0.114 0.126 D2 4.25 - 0.167 - e 1.74 1.94 0.069 0.076 E 6.30 6.70 0.248 0.264 E1 5.28 5.48 0.208 0.216 E2 3.40 3.70 0.134 0.146 E3 4.20 4.60 0.165 0.181 L 0.65 1.05 0.025 0.041 W 0.25 0.55 0.010 0.022 |