Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5001UE Fiches technique(PDF) 1 Page - Belden Inc.

No de pièce 5001UE
Description  Security & Sound, 3 Conductor 12 AWG BC, Riser
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BELDEN [Belden Inc.]
Site Internet  https://www.belden.com/
Logo BELDEN - Belden Inc.

5001UE Fiches technique(HTML) 1 Page - Belden Inc.

  5001UE Datasheet HTML 1Page - Belden Inc. 5001UE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 5001UE
Security & Sound, 3 Conductor 12 AWG BC, Riser
Product Description
Security & Commercial Audio Cable, 3 Conductor 12 AWG stranded (19x25) bare copper conductors with polyolefin insulation, Riser, PVC jacket with ripcord.
Technical Specifications
Product Overview
Suitable Applications:
Intercom/PA Systems, Sound/Audio Systems
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 3
12 AWG 19x25
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PP - Polypropylene 0.011 in (0.28 mm) 0.113 in (2.87 mm)
Black, White, Red
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.277 in
Yes
Overall Cable Diameter (Nominal): 0.277 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
1.6 Ohm/1000ft
24 pF/ft (79 pF/m)
12 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
0°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
2.77 in (70.4 mm) 2.77 in
Max. Pull Tension:
228 lbs (103 kg)


Numéro de pièce similaire - 5001UE

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
5001UH BELDEN-5001UH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 12 AWG, TC, CL3R
11-09-2022
5001UH-0081000 BELDEN-5001UH-0081000 Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 12 AWG, TC, CL3R
11-09-2022
More results

Description similaire - 5001UE

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
6000UE BELDEN-6000UE Datasheet
263Kb / 2P
Security & Sound, 2 Conductor 12 AWG BC, CL2P
5101FE BELDEN-5101FE Datasheet
177Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL3R
12-20-2022
5301UE BELDEN-5301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, CMR
04-28-2023
6101UE BELDEN-6101UE Datasheet
148Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL2P
12-20-2022
6201UE BELDEN-6201UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Plenum
12-20-2022
5201UE BELDEN-5201UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 16 AWG, BC, CMR
04-28-2023
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
5101UE BELDEN-5101UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL3R
04-28-2023
5501UE BELDEN-5501UE Datasheet
170Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Riser
12-20-2022
6001UE BELDEN-6001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Plenum
12-20-2022
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com