Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT6160AWSC Fiches technique(PDF) 28 Page - Richtek Technology Corporation

No de pièce RT6160AWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160AWSC Fiches technique(HTML) 28 Page - Richtek Technology Corporation

Back Button RT6160AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 26Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 27Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 28Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 30Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 31Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 32Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
RT6160A
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6160A-02
July 2023
28
Footprint Information
Package
Number of
Pin
Type
Footprint Dimension (mm)
Tolerance
e
A
B
WL-CSP1.4x2.3-15(BSC)
15
NSMD
0.400
0.240
0.340
±0.025
SMD
0.270
0.240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32