Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS9283APTG00 Fiches technique(PDF) 7 Page - Micro Analog systems

No de pièce MAS9283APTG00
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283APTG00 Fiches technique(HTML) 7 Page - Micro Analog systems

Back Button MAS9283APTG00 Datasheet HTML 3Page - Micro Analog systems MAS9283APTG00 Datasheet HTML 4Page - Micro Analog systems MAS9283APTG00 Datasheet HTML 5Page - Micro Analog systems MAS9283APTG00 Datasheet HTML 6Page - Micro Analog systems MAS9283APTG00 Datasheet HTML 7Page - Micro Analog systems MAS9283APTG00 Datasheet HTML 8Page - Micro Analog systems MAS9283APTG00 Datasheet HTML 9Page - Micro Analog systems MAS9283APTG00 Datasheet HTML 10Page - Micro Analog systems MAS9283APTG00 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DA9283.006
13 July 2006
7 (14)
SAMPLES IN SB20 DIL PACKAGE
DEVICE OUTLINE CONFIGURATION
2
1
20
3
4
5
6
7
8
9
10
19
18
17
16
15
14
13
12
11
X1
VSS
X2
OUT
Top marking:
YYWW = Year, Week
XXXXX.X = Lot number
VDD
VC
PD
MSOP8/TSSOP8
X1
VC
VSS
X2
PD
VDD
OUT
Top View
A = product version
X = MAS internal code
Y = year
WW= week
pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14